| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST95022M3TR bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST95022M3TR bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 16 page ![]() ORDERING INFORMATION SCHEME Note: 1. Data In is strobed on rising edge of the clock (C) and Data Out is synchronized from the falling edge of the clock. Devices are shipped from the factory with the memory content set at all "1’s" (FFh). For a list of available options (Package, etc...) or for further information on any aspect of this device, please contact the STMicroelectronics Sales Office nearest to you. Data Strobe 2 Note 1 Package M SO8 150mil Width Temperature Range 3 –40 to 125 °C Option TR Tape & Reel Packing Example: ST95022 M 3 TR 14/16 ST95022 |