công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM7640FS16AW45S bảng dữ liệu(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

tên linh kiện EM7640FS16AW45S
Giải thích chi tiết về linh kiện  128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMLSI [Emerging Memory & Logic Solutions Inc]
Trang chủ  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7640FS16AW45S bảng dữ liệu(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7640FS16AW45S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7640FS16AW45S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7640FS16AW45S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7640FS16AW45S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7640FS16AW45S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7640FS16AW45S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7640FS16AW45S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7640FS16AW45S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7640FS16AW45S Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EM620FU16 Series
Low Power, 128Kx16 SRAM
8
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
tWC
Address
CS1
CS2
UB ,LB
WE
Data in
Data out
t
CW(2)
tWR(4)
tAW
tBW
t
WP(1)
t
DW
t
DH
TIMING WAVEFORM OF WRITE CYCLE(3) (UB, LB CONTROLLED)
High-Z
High-Z
Data Valid
tAS(3)
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS1 and low WE. A write begins when CS1 goes low and WE
goes low with asserting UB or LB for single byte operation or simultaneously asserting UB and LB for double
byte operation. A write ends at the earliest transition when CS1 goes high and WE goes high. The tWP is
measured from the beginning of write to the end of write.
2. tCW is measured from the CS1 going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end or write to the address change. tWR applied in case a write ends as CS1
or WE going high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11