| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST93C06 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST93C06 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 15 page ![]() Figure 5. Synchronous Timing, Read or Write AI00820C C D Q ADDRESS INPUT Hi-Z tDVCH tCLSL A0 S DATA OUTPUT tCHQV tCHDX tCHQL An tSLSH tSLQZ Q15/Q7 Q0 AI01429 C D Q ADDRESS/DATA INPUT Hi-Z tDVCH tSLCH A0/D0 S WRITE CYCLE tSLSH tCHDX An tCLSL tSLQZ BUSY tSHQV tW READY The DU (Don’t Use) pin does not affect the function of the memory and it is reserved for use by SGS- THOMSON during test sequences. The pin may be left unconnected or may be connected to VCC or VSS. Direct connection of DU to VSS is recom- mended for the lowest standby power consump- tion. MEMORY ORGANIZATION The ST93C06 is organized as 32 bytes x 8 bits or 16 words x 16 bits. If the ORG input is left uncon- nected (or connected to VCC) the x16 organization is selected, when ORG is connected to Ground (VSS) the x8 organization is selected. When the ST93C06 is in standby mode, the ORG input should be unconnected or set to either VSS or VCC in order to achieve the minimum power consump- tion. Any voltage between VSS and VCC applied to ORG may increase the standby current value. DESCRIPTION (cont’d) 5/15 ST93C06, ST93C06C |