| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92F120R9T bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F120R9T bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 320 page ![]() 22/320 ST92F120 - GENERAL DESCRIPTION P4.1 All ports useable for general pur- pose I/O (input, output or bidirec- tional) - 15 I/O P4.2 - 16 OCMPA1 O Ext. Timer 1 - Output Compare A P4.3 - 19 ICAPB1 I Ext. Timer 1 - Input Capture B OCMPB1 O Ext. Timer 1 - Output Compare B P4.4 9 20 EXTCLK1 I Ext. Timer 1 - Input Clock WKUP4 I Wake-up Line 4 P4.5 10 21 EXTRG I A/D 0 and A/D 1 - Ext. Trigger STOUT O Standard Timer Output P4.6 11 22 SDA I/O I2CData P4.7 12 23 WKUP1 I Wake-up Line 1 SCL I/O I2C Clock P5.0 1 6 WAIT I External Wait Request WKUP5 I Wake-up Line 5 P5.1 2 7 WKUP6 I Wake-up Line 6 WDOUT O Watchdog Timer Output P5.2 3 8 SIN0 I SCI0 - Serial Data Input WKUP2 I Wake-up Line 2 P5.3 4 9 SOUT0 O SCI0 - Serial Data Output P5.4 5 10 TXCLK0 I SCI0 - Transmit Clock Input CLKOUT0 O SCI0 - Clock Output P5.5 6 11 RXCLK0 I SCI0 - Receive Clock Input WKUP7 I Wake-up Line 7 P5.6 7 12 DCD0 I SCI0 - Data Carrier Detect WKUP8 I Wake-up Line 8 P5.7 8 13 WKUP9 I Wake-up Line 9 RTS0 O SCI0 - Request To Send P6.0 43 67 INT0 I External Interrupt 0 INT1 I External Interrupt 1 CLOCK2/ 8 O CLOCK2 divided by 8 P6.1 - 68 INT6 I External Interrupt 6 RW O Read/Write P6.2 44 69 INT2 I External Interrupt 2 INT4 I External Interrupt 4 DS2 O Data Strobe 2 Port Name General Purpose I/O Pin No. Alternate Function s TQFP64 PQFP100 9 |