| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92F120 bảng dữ liệu(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F120 bảng dữ liệu(HTML) 58 Page - STMicroelectronics |
|
58 / 320 page ![]() 58/320 ST92F120 - SINGLE VOLTAGE FLASH & EEPROM Figure 28. Flash in-system Programming. TestFlash Code Start Initialisation Enable Serial Interface Jump to Flash Main Code In-system prog routine Flash virgin ? Erase sectors Yes No Load 1st table of data in RAM through S.I. Prog 1st table of data from RAM in Flash Load 2nd table of data in RAM through SCI Inc. Address Last Address ? RET Yes No Code Update Routine Enable DMA Load in-system prog routine in internal RAM through SCI. Call in-system prog routine HALT Address Match Interrupt (from SCI) User Test Internal RAM (User Code Example) SOUT0 =0 ? Yes No WFI Flash 9 |