| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92F120 bảng dữ liệu(PDF) 214 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F120 bảng dữ liệu(HTML) 214 Page - STMicroelectronics |
|
214 / 320 page ![]() 214/320 SERIAL PERIPHERAL INTERFACE (SPI) SERIAL PERIPHERAL INTERFACE (Cont’d) Figure 102. Data Clock Timing Diagram CPOL = 1 CPOL = 0 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI (from slave) SS (to slave) CAPTURE STROBE CPHA =1 CPOL = 1 CPOL = 0 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI SS (to slave) CAPTURE STROBE CPHA =0 Note: This figure should not be used as a replacement for parametric information. Refer to the Control Timing chapter. (from slave) 9 |