| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92195B bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92195B bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 22 page ![]() 4/22 ST92195B - GENERAL DESCRIPTION INTRODUCTION (Cont’d) Figure 1. ST92195B Block Diagram I/O PORT 0 VOLTAGE SYNTHESIS PWM D/A CON- VERTER SPI I/O PORT 4 I/O PORT 5 Up to 64 Kbytes ROM DATA SLICER & ACQUI- SITIO N UNIT SYNC. EXTRAC- TION Up to 8 Kbytes TDSRAM TRI 256 bytes RAM STANDARD TIMER TIMI NG AND CLOCK CTRL 16-BIT TIMER/ WATCHDOG VPS/WSS DATA SLICER I/O PORT 2 ADC CVBS1 I/O PORT 3 SYNC CONTROL VSYNC HSYNC/CSYNC ON SCREEN DISPLAY FREQ. MULTIP. PXFM NMI INT[7:4] INT2 256 bytes Register File ST9+ CORE 8/16-bit CPU Interrupt Management RCCU OSCIN OSCOUT RESET RESETO P0[7:0] WSCR WSCF CVBS2 R/G/B/FB PWM[7:0] SDO/SDI SCK INT0 STOUT MMU MCFM TXCF TSLU AIN[4:1] VSO[2:1] EXTRG P2[5:0] P4[7:0] P5[1:0] P3[7:4] CSO HT All alternate functions (Italic characters) are mapped on Ports 0, 2, 3, 4 and 5 2 8 4 6 8 |