| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7LITE0 bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE0 bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 122 page ![]() ST7LITE0, ST7SUPERLITE 15/122 5 DATA EEPROM 5.1 INTRODUCTION The Electrically Erasable Programmable Read Only Memory can be used as a non volatile back- up for storing data. Using the EEPROM requires a basic access protocol described in this chapter. 5.2 MAIN FEATURES s Up to 32 Bytes programmed in the same cycle s EEPROM mono-voltage (charge pump) s Chained erase and programming cycles s Internal control of the global programming cycle duration s WAIT mode management s Readout protection against piracy Figure 6. EEPROM Block Diagram EECSR HIGH VOLTAGE PUMP 0 E2LAT 0 0 0 0 0 E2PGM EEPROM MEMORY MATRIX (1 ROW = 32 x 8 BITS) ADDRESS DECODER DATA MULTIPLEXER 32 x 8 BITS DATA LATCHES ROW DECODER DATA BUS 4 4 4 128 128 ADDRESS BUS 1 |