| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST75C540FP-A bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75C540FP-A bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 84 page ![]() VIII.2.5.3 - Default Optional Status in DATA MODEM Mode (ST75C540 only) While in Data Modem mode the format of the STAOP word is as follows : Optional Status Words in MODEM Mode Add. Name Bit 76 543 2 1 0 $0C STAOP0 x x x SPEED (2)(5) SPVAL (1)(5) $0D STAOP1 STAQUAS $0E STAOP2 HSHK_PHA $0F STAOP3 TDT19 TDT18 TDT17 TDT16 Not Used Notes : 1. SPVALis active in V.33 receiver only at the same time as the rising transition of the SCR1s signal. When SPVAL is set, it indicates that the SPEED bits contain the Data speed information. 2. SPEED is valid in V.32bis, V.32, V.22bis, V.22, Bell 212A and V.33 receiver only with the following meaning : Bit 4 Bit 3 Bit 2 Bit 1 Data Speed 0 0 1 0 1200bps 0 0 1 1 2400bps 0 1 0 0 4800bps 0 1 0 1 7200bps 0 1 1 0 9600bps 0 1 1 1 12000bps 1 0 0 0 14400bps Other Reserved 3. The STAOP2 Bit reflects the progression of the Synchronisation. 4. Only valid in V.21 Channel 2 Receive mode. 5. SPVALis active in V.32bis/V.32/V.22bis/V.22 at the end of the training sequence and at least 8 baud before entering Data mode. SPVALand SPEED are also updated with each retrain and rate negotiation. 6. The SPAOP1 bits reflect the progression of the synchronization in Data modes. VIII - STATUS DESCRIPTION (continued) ST75C530 - ST75C540 51/84 |