| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST75C520 bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75C520 bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 45 page ![]() Transmit SCR1 Data T10 T11 m in STA_H P1s PN s PR s SCR1s Receive T13 STA_HR STA_109F PR DETs PN SUC s STA_109 RxData PN s PN DETs (3) P2s T12 (3 ) (3) (3) (6) Mode T10 T11 T12 T13 Unit V.17 13 20 8 25 ms V.17 short 13 20 8 25 ms V.29 13 20 8 25 ms V.29 short 13 20 8 25 ms V.27 4800 20 30 8 25 ms V.27 4800 short 20 30 8 25 ms V.27 2400 27 40 8 25 ms V.27 2400 short 27 40 8 25 ms Notes : 1. In the case of V.29 or V.27, PRs and PRDETs bits are not active. 2. PNSUC s indicates the quality of the Rx signal that will give a ber of approximation of 1e -5. 3. After sending the command SYNC0, all bits are reset. 4. When using long echo protection tone, otherwise 0. 5. When using short echo protection tone, otherwise 0. 6. STA-106 is set at the end of T6 and reset at the beginning of T10. 7. After sending the command SYNC1, this bit is set. ST75C520 33/45 |