| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72260G1B6 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72260G1B6 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 171 page ![]() ST72260G, ST72262G, ST72264G 29/171 INTERRUPTS (Cont’d) Servicing Pending Interrupts As several interrupts can be pending at the same time, the interrupt to be taken into account is deter- mined by the following two-step process: – the highest software priority interrupt is serviced, – if several interrupts have the same software pri- ority then the interrupt with the highest hardware priority is serviced first. Figure 18 describes this decision process. Figure 18. Priority Decision Process When an interrupt request is not serviced immedi- ately, it is latched and then processed when its software priority combined with the hardware pri- ority becomes the highest one. Note 1: The hardware priority is exclusive while the software one is not. This allows the previous process to succeed with only one interrupt. Note 2: RESET and TRAP are non-maskable and they can be considered as having the highest soft- ware priority in the decision process. Different Interrupt Vector Sources Two interrupt source types are managed by the ST7 interrupt controller: the non-maskable type (RESET and TRAP) and the maskable type (exter- nal or from internal peripherals). Non-Maskable Sources These sources are processed regardless of the state of the I1 and I0 bits of the CC register (see Figure 17). After stacking the PC, X, A and CC registers (except for RESET), the corresponding vector is loaded in the PC register and the I1 and I0 bits of the CC are set to disable interrupts (level 3). These sources allow the processor to exit HALT mode. s TRAP (Non Maskable Software Interrupt) This software interrupt is serviced when the TRAP instruction is executed. It will be serviced accord- ing to the flowchart on Figure 17 as a TLI. s RESET The RESET source has the highest priority in the ST7. This means that the first current routine has the highest software priority (level 3) and the high- est hardware priority. See the RESET chapter for more details. Maskable Sources Maskable interrupt vector sources can be serviced if the corresponding interrupt is enabled and if its own interrupt software priority (in ISPRx registers) is higher than the one currently being serviced (I1 and I0 in CC register). If any of these two condi- tions is false, the interrupt is latched and thus re- mains pending. s External Interrupts External interrupts allow the processor to exit from HALT low power mode. External interrupt sensitivity is software selectable through the Miscellaneous registers (MISCRx). External interrupt triggered on edge will be latched and the interrupt request automatically cleared upon entering the interrupt service routine. If several input pins of a group connected to the same interrupt vector request an interrupt simulta- neously, the interrupt vector will be serviced. Soft- ware can read the pin levels to identify which pin(s) are the source of the interrupt. If several input pins are selected simultaneously as interrupt source, these are logically NANDed. For this reason if one of the interrupt pins is tied low, it masks the other ones. s Peripheral Interrupts Usually the peripheral interrupts cause the MCU to exit from HALT mode except those mentioned in the “Interrupt Mapping” table. A peripheral interrupt occurs when a specific flag is set in the peripheral status registers and if the corresponding enable bit is set in the peripheral control register. The general sequence for clearing an interrupt is based on an access to the status register followed by a read or write to an associated register. Note: The clearing sequence resets the internal latch. A pending interrupt (i.e. waiting for being serviced) will therefore be lost if the clear se- quence is executed. PENDING SOFTWARE Different INTERRUPTS Same HIGHEST HARDWARE PRIORITY SERVICED PRIORITY HIGHEST SOFTWARE PRIORITY SERVICED |