| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72260G1B6 bảng dữ liệu(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72260G1B6 bảng dữ liệu(HTML) 113 Page - STMicroelectronics |
|
113 / 171 page ![]() ST72260G, ST72262G, ST72264G 113/171 10-BIT A/D CONVERTER (ADC) (Cont’d) 11.7.3.2 Digital A/D Conversion Result The conversion is monotonic, meaning that the re- sult never decreases if the analog input does not and never increases if the analog input does not. If the input voltage (VAIN) is greater than VDDA (high-level voltage reference) then the conversion result is FFh in the ADCDRH register and 03h in the ADCDRL register (without overflow indication). If the input voltage (VAIN) is lower than VSSA (low- level voltage reference) then the conversion result in the ADCDRH and ADCDRL registers is 00 00h. The A/D converter is linear and the digital result of the conversion is stored in the ADCDRH and AD- CDRL registers. The accuracy of the conversion is described in the Electrical Characteristics Section. RAIN is the maximum recommended impedance for an analog input signal. If the impedance is too high, this will result in a loss of accuracy due to leakage and sampling not being completed in the alloted time. 11.7.3.3 A/D Conversion The analog input ports must be configured as in- put, no pull-up, no interrupt. Refer to the «I/O ports» chapter. Using these pins as analog inputs does not affect the ability of the port to be read as a logic input. In the ADCCSR register: – Select the CH[2:0] bits to assign the analog channel to convert. ADC Conversion mode In the ADCCSR register: - Set the SPEED or the SLOW bits – Set the ADON bit to enable the A/D converter and to start the conversion. From this time on, the ADC performs a continuous conversion of the selected channel. When a conversion is complete: – The EOC bit is set by hardware. – The result is in the ADCDR registers. A read to the ADCDRH or a write to any bit of the ADCCSR resets the EOC bit. To read the 10 bits, perform the following steps: 1. Poll EOC bit 2. Read ADCDRL. This locks the ADCDRH until it is read. 3. Read ADCDRH. This clears EOC automati- cally. To read only 8 bits, perform the following steps: 1. Poll EOC bit 2. Read ADCDRH. This clears EOC automati- cally. 11.7.4 Low Power Modes Note: The A/D converter may be disabled by re- setting the ADON bit. This feature allows reduced power consumption when no conversion is need- ed and between single shot conversions. 11.7.5 Interrupts None. Mode Description WAIT No effect on A/D Converter HALT A/D Converter disabled. After wakeup from Halt mode, the A/D Converter requires a stabilisation time tSTAB (see Electrical Characteristics) before accurate conversions can be performed. |