| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72622K2B1 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622K2B1 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 132 page ![]() ST7262 22/132 Figure 18. Reset Timing Diagram Note: Refer to Electrical Characteristics for values of tDDR, tOXOV, VIT+ and VIT-. Figure 19. Reset Block Diagram Note: The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad. Otherwise the device can be damaged when the ST7 generates an internal reset (LVD or watchdog). VDD OSCIN fCPU FFFF FFFE PC RESET tDDR tOXOV 514 CPU CLOCK CYCLES DELAY RESET RON VDD WATCHDOG RESET LVD RESET INTERNAL RESET PULSE GENERATOR 200ns Filter tw(RSTL)out + 128 fOSC delay |