| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72631 bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72631 bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 109 page ![]() ST7263 33/109 5.3 WATCHDOG TIMER (WDG) 5.3.1 Introduction The Watchdog timer is used to detect the occur- rence of a software fault, usually generated by ex- ternal interference or by unforeseen logical condi- tions, which causes the application program to abandon its normal sequence. The Watchdog cir- cuit generates an MCU reset on expiry of a pro- grammed time period, unless the program refresh- es the counter’s contents before the T6 bit be- comes cleared. 5.3.2 Main Features s Programmable timer (64 increments of 49152 CPU cycles) s Programmable reset s Reset (if watchdog activated) when the T6 bit reaches zero Figure 22. Watchdog Block Diagram RESET WDGA 7-BIT DOWNCOUNTER fCPU T6 T0 CLOCK DIVIDER WATCHDOG CONTROL REGISTER (CR) ÷49152 T1 T2 T3 T4 T5 |