| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72F264G2B6 bảng dữ liệu(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F264G2B6 bảng dữ liệu(HTML) 132 Page - STMicroelectronics |
|
132 / 171 page ![]() ST72260G, ST72262G, ST72264G 132/171 CLOCK AND TIMING CHARACTERISTICS (Cont’d) Notes: 1. Resonator characteristics given by the crystal/ceramic resonator manufacturer. 2. CSTxx types have built-in loading capacitors (values shown in parentheses) 3. SMD = [-R0: Plastic tape package ( ∅ =180mm), -B0: Bulk] LEAD = [-A0: Flat pack package (Radial taping Ho= 18mm), -B0: Bulk] For more information, please consult the Murata report (02gc_5959_ST72F264G2.zip) on www.murata.com or http// :mcu.st.com Oscil. Typical Crystal or Ceramic Resonators CL1 [pF] CL2 [pF] RD [ohm] Reference2) Type3) Freq. (MHz) Characteristic 1) CSBFB1M00J58-R0 SMD 1 ∆f OSC=[±0.5%tolerance,±0.3% ∆Ta,±0.3%aging,0.01%correl] 100 100 3.3k CSBLA1M00J58-B0 LEAD ∆f OSC=[±0.5%tolerance,±0.3% ∆Ta,±0.3%aging,0.01%correl] 100 100 3.3k CSTCC2M00G56-R0 SMD 2 ∆f OSC=[±0.5%tolerance,±0.3% ∆Ta,±0.3%aging,-0.19%correl] (47) (47) 0 CSTCR4M00G55-R0 SMD 4 ∆f OSC=[±0.5%tolerance,±0.2% ∆Ta,±0.1%aging,-0.24%correl] (39) (39) 0 CSTLS4M00G56-B0 LEAD ∆f OSC=[±0.5%tolerance,±0.2% ∆Ta,±0.2%aging,0.1%correl] (47) (47) 0 CSTCE8M00G52-R0 SMD 8 ∆f OSC=[±0.5%tolerance,±0.2% ∆Ta,±0.1%aging,-0.16%correl] (10) (10) 0 CSTLS8M00G53-B0 LEAD ∆f OSC=[±0.5%tolerance,±0.2% ∆Ta,±0.2%aging,0.13%correl] (15) (15) 0 CSTCE12M0G52-R0 SMD 12 ∆f OSC=[±0.5%tolerance,±0.2% ∆Ta,±0.1%aging,-0.18%correl] (10) (10) 0 CSTLA12M0T55-B0 LEAD ∆f OSC=[±0.5%tolerance,±0.3% ∆Ta,±0.3%aging,0.29%correl] (30) (30) 0 CSTCE16M0V53-R0 SMD 16 ∆f OSC=[±0.5%tolerance,±0.3% ∆Ta,±0.3%aging,-0.08%correl] (15) (15) 0 CSALS16M0X55-B0 LEAD ∆f OSC=[±0.5%tolerance,±0.2% ∆Ta,±0.2%aging,0.11%correl] 10 10 470 |