| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST723244 bảng dữ liệu(PDF) 154 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST723244 bảng dữ liệu(HTML) 154 Page - STMicroelectronics |
|
154 / 161 page ![]() ST72324 154/161 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d) 14.3 DEVELOPMENT TOOLS STMicroelectronics offers a range of hardware and software development tools for the ST7 micro- controller family. Full details of tools available for the ST7 from third party manufacturers can be ob- tain from the STMicroelectronics Internet site: ª http//mcu.st.com. Tools from these manufacturers include C compli- ers, emulators and gang programmers. ST Emulators The emulator is delivered with everything (probes, TEB, adapters etc.) needed to start emulating the devices. To configure the emulator to emulate dif- ferent ST7 subfamily devices, the active probe for the ST7 EMU3 can be changed and the ST7EMU3 probe is designed for easy interchange of TEBs (Target Emulation Board). See Table 26 for more details. 14.3.1 Socket and Emulator Adapter Information For information on the type of socket that is sup- plied with the emulator, refer to the suggested list of sockets in Table 27. Note: Before designing the board layout, it is rec- ommended to check the overall dimensions of the socket as they may be greater than the dimen- sions of the device. For footprint and other mechanical information about these sockets and adapters, refer to the manufacturer’s datasheet (www.yamaichi.de for TQFP44 10 x 10 and www.ironwoodelectron- ics.com for TQFP32 7 x 7) Table 26. STMicroelectronics Development Tools Note: 1. Flash Programming interface for FLASH devices. Table 27. Suggested List of Socket Types Supported Products ST7 Evaluation Board ST7 Emulator Active Probe & T.E.B. ST7 Programming Board ST72324J, ST72F324J ST72324K, ST72F324K N/A ST7MDT20J- EMU3 ST7MDT20J-TEB ST7MDT20J-EPB/EU ST7MDT20J-EPB/US ST7MDT20J-EPB/UK Device Socket (supplied with ST7MDT20J-EMU3) Emulator Adapter (supplied with ST7MDT20J-EMU3) TQFP32 7 X 7 IRONWOOD SF-QFE32SA-L-01 IRONWOOD SK-UGA06/32A-01 TQFP44 10 X10 YAMAICHI IC149-044-*52-*5 YAMAICHI ICP-044-5 |