| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST723244 bảng dữ liệu(PDF) 152 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST723244 bảng dữ liệu(HTML) 152 Page - STMicroelectronics |
|
152 / 161 page ![]() ST72324 152/161 ST72324 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d) Table 25. Orderable Flash Device Types 14.2.1 Version-Specific Sales Conditions To satisfy the different customer requirements and to ensure that ST Standard Microcontrollers will consistently meet or exceed the expectations of each Market Segment, the Codification System for Standard Microcontrollers clearly distinguishes products intended for use in automotive environ- ments, from products intended for use in non-auto- motive environments. It is the responsibility of the Customer to select the appropriate product for his application. Part Number Version Package Flash Memory (KBytes) Temp. Range ST72F324K2TA Automotive TQFP32 8 -40°C +85°C ST72F324K4TA 16 ST72F324K6TA 32 ST72F324K6TC 32 -40°C +125°C ST72F324J6TA TQFP44 8 -40°C +85°C ST72F324J2TA 16 ST72F324J4TA 32 ST72F324J6TC 32 -40°C +125°C ST72F324K2T6 Standard TQFP32 8 -40°C +85°C ST72F324K4T6 16 ST72F324K6T6 32 ST72F324K6T5 32 -10°C +85°C ST72F324K2B5 SDIP32 8 ST72F324K4B5 16 ST72F324K6B5 32 ST72F324J2T6 TQFP44 8 -40°C +85°C ST72F324J4T6 16 ST72F324J6T6 32 ST72F324J6T5 32 -10°C +85°C ST72F324J2B5 SDIP42 8 ST72F324J4B5 16 ST72F324J6B5 32 |