| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST6392B1 bảng dữ liệu(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6392B1 bảng dữ liệu(HTML) 67 Page - STMicroelectronics |
|
67 / 68 page ![]() ST639x MICROCONTROLLER OPTION LIST Customer: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Address: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Contact: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Phone No: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference: . . . . . . . . . . . . ....... . . . . . . . . . . . . . . . . . . . .. . Device [ ] (d) Package [ ] (p) Temperature Range [ ] (t) For marking one line with 10 characters maximum is possible Special Marking [ ] (y/n) Line1 “ _ _ _ _ _ _ _ _ _ _ ” (N) Notes: (d) 1= ST6391, 2 = ST6392, 3 = ST6393, 4 = ST6395, 5 = ST6397, 6 = ST6399 (p) B= Dual in Line Plastic (t) 1= 0 to 70 °C (N) Letters, digits, ’ . ’, ’ - ’, ’ / ’ and spaces only Marking: the default marking is equivalent to the sales type only (part number). OSD POLARITY OPTIONS (Put a cross on selected item) : POSITIVE NEGATIVE VSYNC,HSYNC [ ] [ ] R,G,B [ ] [ ] BLANK [ ] [ ] CHECK LIST: YES NO ROM CODE [ ] [ ] OSD Code: ODD & EVEN [ ] [ ] EEPROM Code (if Desired) [ ] [ ] Signature ................................... Date ........................................... ® ST6391,92,93,95,97,99 63/64 |