| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST63T126B1 bảng dữ liệu(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST63T126B1 bảng dữ liệu(HTML) 85 Page - STMicroelectronics |
|
85 / 86 page ![]() ST63E1xx/T1xx MICROCONTROLLER OPTION LIST Customer: . ..... . . . ... . . .. . . .. . . ... ........ .... .... ..... ... . . ... . Address: . . . . . . . . . . . . . . . ..... .... .... . . . ..... ... . . .. . . .. . . ... . . . Contact: . . . ....... .... ..... ... . . .. . . .. . ... .... . . .. .. . . . . . . . . . .. Phone No: . . . . . . . . . . . . . . . . . . .... .... .... . . . . ... ..... .... .... . . . . . Reference: .... ... . . . . .... .... . . . . . .... .. .. . . . . . . .. ... ..... .... . . . Device [ ] ST63E140 [ ] ST63E142 [ ] ST63E126 [ ] ST63E156 [ ] ST63T140 [ ] ST63T142 [ ] ST63T126 [ ] ST63T156 Temperature Range 0 to 70 °C For marking one line with 10 characters maximum is possible Special Marking [ ] No [ ] Yes Line1 “ _ _ _ _ ______ ” Letters, digits, ’ . ’, ’ - ’, ’ / ’ and spaces only the default marking is equivalent to the sales type only (part number). CHECK LIST: YES NO OSD Code: ODD & EVEN [ ] [ ] EEPROM Code (if Desired) [ ] [ ] Signature ................................... Date ........................................... ® ST63E140,E142,E126,E156, T140,T142,T126,T156 81/82 |