| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST6397 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6397 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 68 page ![]() Pin Function Description DA0 to DA5 Output, Open-Drain, 12V AFC Input, High Impedance, 12V R,G,B, BLANK Output, Push-Pull HSYNC, VSYNC Input, Pull-up, Schmitt Trigger OSDOSCin Input, High Impedance OSDOSCout Output, Push-Pull TEST Input, Pull-Down OSCin Input, Resistive Bias, Schmitt Trigger to Reset Logic Only OSCout Output, Push-Pull RESET Input, Pull-up, Schmitt Trigger Input PA0-PA3 I/O, Push-Pull, Software Input Pull-up, Schmitt Trigger Input PA4-PA5 I/O, Open-Drain, 12V, No Input Pull-up, Schmitt Trigger Input PA6-PA7 I/O, Open-Drain, 12V, No Input Pull-up, Schmitt Trigger Input, High Drive PB0-PB6 I/O, Push-Pull, Software Input Pull-up, Schmitt Trigger Input PC0-PC3 I/O, Open-Drain, 5V , Software Input Pull-up, Schmitt Trigger Input PC4-PC7 I/O, Open-Drain, 12V, No Input Pull-up, Schmitt Trigger Input VDD,VSS Power Supply Pins 62.5kHz OUT Output, Open-Drain 12V Table 2. Pin Summary ® ST6391,92,93,95,97,99 6/64 |