| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST63E126D1 bảng dữ liệu(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST63E126D1 bảng dữ liệu(HTML) 86 Page - STMicroelectronics |
|
86 / 86 page ![]() Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without the express written approval of SGS-THOMSON Microelectronics. © 1994 SGS-THOMSON Microelectronics - All rights reserved. Purchase of I 2 C Components by SGS-THOMSON Microelectronics conveys a license under the Philips I 2 C Patent. Rights to use these components in an I 2 C system is granted provided that the system conforms to the I 2 C Standard Specification as defined by Philips. SGS-THOMSON Microelectronics Group of Companies Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. Sales Type ROM/EEPROM Temperature Range Package ST63E140D1 8K (EPROM) / 128 Bytes 0to + 70 ° C CDIP28 ST63E142D1 0 to + 70 ° C CDIP28 ST63E126D1 0 to + 70 ° C CDIP40 ST63E156D1 0 to + 70 ° C CDIP40 ST63T140B1 8K (OTPROM) / 128 Bytes 0to + 70 ° C PDIP28 ST63T142B1 0 to + 70 ° C PDIP28 ST63T126B1 0 to + 70 ° C PDIP40 ST63T156B1 0 to + 70 ° C PDIP40 ORDERING INFORMATION TABLE ® ST63E140,E142,E126,E156, T140,T142,T126,T156 82/82 |