| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD411A1 bảng dữ liệu(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD411A1 bảng dữ liệu(HTML) 76 Page - STMicroelectronics |
|
76 / 123 page ![]() PSD4XX Family 73 12.0 System Configuration Table 21. Register Address Offset Table 21a. Register Address Offset (For 16-bit Motorola Microcontrollers in 16-bit mode. Use Table 21 if 8-bit mode is selected.) Register Address Register Address Name Offset Name Offset PAGE REGISTER E1 VM C1 PMMR1 B0 PMMR0 B1 The CSIOP signal, which is generated by the DPLD, selects the internal I/O devices or registers. The CSIOP signal takes up 256 bytes of address space and is defined by the user in the PSDSoft Software. The following is an address offset map for the various devices relative to the CSIOP base address. Some Motorola 16-bit microcontrollers have a different data bus/data byte orientation. This requires a different address offset for the internal PSD4XX I/O devices or registers. Tables 21a and 22a in this section are for this group of microcontrollers which include the M68HC16, M68302 and M683XX. Register Address Register Address Name Offset Name Offset PAGE REGISTER E0 VM C0 PMMR1 B1 PMMR0 B0 |