| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST5R25MTR bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST5R25MTR bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 15 page ![]() ST5R00 SERIES 4/15 Figure 5: Typical Demoboard Note: drawing not in scale. Table 4: Electrical Characteristics For ST5R25 (VIN = 1.5V, IOUT = 10mA, TA = 25°C, unless otherwise specified. For external components value, unless otherwise notes, refer to the typical operating circuit.) (1): The minimum input voltage for the IC start-up is strictly a function of the VF catch diode. Table 5: Electrical Characteristics For ST5R28 (VIN = 1.7V, IOUT = 10mA, TA = 25°C, unless otherwise specified. For external components value, unless otherwise notes, refer to the typical operating circuit.) (1): The minimum input voltage for the IC start-up is strictly a function of the VF catch diode. Symbol Parameter Test Conditions Min. Typ. Max. Unit VOUT Output Voltage 2.375 2.5 2.625 V VSTART-UP Start-up Voltage (VIN-VF) (1) IOUT = 1mA, VIN = rising from 0 to 2V 0.8 1.2 V VHOLD Hold-on Voltage IOUT = 1mA, VIN = falling from 2 to 0V 0.6 V ISUPPLY Supply Current To be measured at VIN, no load 16 µA RLX(DSON) Internal Switch RDSON ILX = 150mA 850 m Ω ILX(leak) Internal Leakage Current VLX = 4V, forced VOUT = 3V 0.5 µA fOSC Maximum oscillator Frequency 150 KHz Dty Oscillator Duty Cycle to be measure on LX pin 77 % ν Efficiency IOUT = 50mA 82 % Symbol Parameter Test Conditions Min. Typ. Max. Unit VOUT Output Voltage 2.66 2.8 2.94 V VSTART-UP Start-up Voltage (VIN-VF) (1) IOUT = 1mA, VIN = rising from 0 to 2V 0.8 1.2 V VHOLD Hold-on Voltage IOUT = 1mA, VIN = falling from 2 to 0V 0.6 V ISUPPLY Supply Current To be measured at VIN, no load 16 µA RLX(DSON) Internal Switch RDSON ILX = 150mA 850 m Ω ILX(leak) Internal Leakage Current VLX = 4V, forced VOUT = 3.3V 0.5 µA fOSC Maximum oscillator Frequency 150 KHz Dty Oscillator Duty Cycle to be measure on LX pin 77 % ν Efficiency IOUT = 50mA 82 % |