công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAT4139 bảng dữ liệu(PDF) 2 Page - Catalyst Semiconductor

tên linh kiện CAT4139
Giải thích chi tiết về linh kiện  22V High Current Boost White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CATALYST [Catalyst Semiconductor]
Trang chủ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4139 bảng dữ liệu(HTML) 2 Page - Catalyst Semiconductor

  CAT4139 Datasheet HTML 1Page - Catalyst Semiconductor CAT4139 Datasheet HTML 2Page - Catalyst Semiconductor CAT4139 Datasheet HTML 3Page - Catalyst Semiconductor CAT4139 Datasheet HTML 4Page - Catalyst Semiconductor CAT4139 Datasheet HTML 5Page - Catalyst Semiconductor CAT4139 Datasheet HTML 6Page - Catalyst Semiconductor CAT4139 Datasheet HTML 7Page - Catalyst Semiconductor CAT4139 Datasheet HTML 8Page - Catalyst Semiconductor CAT4139 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT4139
Doc. No. MD-5032 Rev. A
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
VIN, FB Voltage
-0.3 to +7
V
SHDN
¯¯¯¯¯ Voltage
-0.3 to +7
V
SW Voltage
-0.3 to 40
V
Storage Temperature Range
-65 to +160
ºC
Junction Temperature Range
-40 to +150
ºC
Lead Temperature
300
ºC
RECOMMENDED OPERATING CONDITIONS
Typical application circuit with external components are shown on page 1.
Parameters
Range
Units
VIN
up to 5.5
V
SW pin voltage
0 to 22
V
Ambient Temperature Range
(1)
-40 to +85
ºC
DC ELECTRICAL CHARACTERISTICS
VIN = 3.6V, ambient temperature of 25ºC (over recommended operating conditions unless specified otherwise).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
IQ
Operating Current
VFB = 0.2V
VFB = 0.4V (not switching)
0.6
0.1
1.5
0.6
mA
ISD
Shutdown Current
VSHDN
¯¯¯¯¯ = 0V
0.1
1
µA
VFB
FB Pin Voltage
9 x 3 LEDs, IOUT = 180mA
285
300
315
mV
IFB
FB pin input leakage
1
µA
ILED
Programmed LED Current
R1 = 10Ω
R1 = 3Ω
28.5
30
100
31.5
mA
VIH
VIL
SHDN
¯¯¯¯¯ Logic High
SHDN
¯¯¯¯¯ Logic Low
Enable Threshold Level
Shutdown Threshold Level
0.4
0.8
0.7
1.5
V
V
FSW
Switching Frequency
0.8
1.0
1.3
MHz
ILIM
Switch Current Limit
VIN = 3.6V
VIN = 5V
600
750
mA
RSW
Switch “On” Resistance
ISW = 100mA
1.0
2.0
ILEAK
Switch Leakage Current
Switch Off, VSW = 5V
1
5
µA
TSD
Thermal Shutdown
150
ºC
THYST
Thermal Hysteresis
20
ºC
VUVLO
Under-voltage lock out (UVLO)
Threshold
1.9
V
VOV-DET
Over-voltage detection threshold
23
24
V
VOCL
Output Clamp voltage
“Open LED”
29
V
DC
Maximum duty cycle
Minimum duty cycle
92
16
%
Notes:
(1) TSOT23-5 package thermal resistance
θJA = 135°C/W when mounted on board over a ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com