| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC5509 bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5509 bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 124 page ![]() Functional Overview 33 April 2001 − Revised January 2008 SPRS163H 3.1.5 Memory Map The 5509 provides 16M bytes of total memory space composed of on-cip RAM, on-chip ROM, and external memory space supporting a variety of memory types. The on-chip, dual-access RAM allows two accesses to a given block during the same cycle. The 5509 supports 8 blocks of 8K bytes of dual-access RAM. The on-chip, single-access RAM allows one access to a given block per clock cycle. The 5509 supports 24 blocks of 8K byte of single-access RAM. The remainder of the memory map is external space that is divided into four spaces. Each space has a chip enable decode signal (called CE) that indicates an access to the selected space. The External Memory Interface (EMIF) supports access to asynchronous memories such as SRAM and Flash, and synchronous DRAM. |