| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST6201C bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6201C bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 100 page ![]() ST6200C/ST6201C/ST6203C 34/100 STOP MODE (Cont’d) Figure 22. STOP Mode Flowchart Notes: 1. EXCTNL is an option bit. See option byte section for more details. 2. Peripheral clocked with an external clock source can still be active. 3. Only some specific interrupts can exit the MCU from STOP mode (such as external interrupt). Refer to the Interrupt Mapping table for more details. STOP INSTRUCTION RESET INTERRUPT 3) Y N N Y FETCH RESET VECTOR OR SERVICE INTERRUPT WATCHDOG ENABLE DISABLE EXCTNL 1 1 LEVEL ON NMI PIN 0 0 RESET INTERRUPT N N Y Y VALUE 1) Clock to CPU OSCILLATOR Clock to PERIPHERALS 2) Off No No 2048 or 32768 DELAY Clock to CPU OSCILLATOR Clock to PERIPHERALS Restart Yes Yes Clock to CPU OSCILLATOR Clock to PERIPHERALS On Yes Yes Clock to CPU OSCILLATOR Clock to PERIPHERALS On Yes No CLOCK CYCLE 1 |