| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST5451 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST5451 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 34 page ![]() 4 - 7 - DMA ACCESS The HDLC controller has a DMA interface which is activated by DMA bit in MODE register.The DMA interface is available only when multiplexed bus is selected. ST 5451 asserts DMA REQR or DMA REQX to request an exchange of bytes between the FIFOS and the external memory. The external DMA controller asserts DMA ACKR or DMA ACKX to access the FIFOS. These signals are equivalent to E/DS/RD func- tions. During DMA access, CS/CE pin must be inactive; AS and E/DS/RD signals can be present. Outside DMA Access, all registers are accessible by the µP except the FIFOS. FRAME RECEPTION: When one block has been stored in RFIFO, DMA REQ R pin goes low and RPF (or RME) interrupts the µP. The DMA controller reads the RFIFO. Af- ter the RME interrupt, the frame length will be available in RFBC register. The block is acknow- ledged by RMC command. FRAME TRANSMISSION: When a 32 byte block is free in XFIFO, DMA re- quest goes low and XPR interrupts the µP. The DMA controller can write data in the XFIFO. At the end of the frame, the µP send XME to HDLC controller; CRC and closing flag will be sent by the HDLC controller. Figure 5: D and C/I channels Access Procedure ST5451 16/34 |