| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST52F510FMB6 bảng dữ liệu(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F510FMB6 bảng dữ liệu(HTML) 100 Page - STMicroelectronics |
|
100 / 106 page ![]() ST52F510/F513/F514 100/106 Figure 15.4 Data Clock Timing Diagram CPOL = 1 CPOL = 0 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI (from slave) SS (to slave) CAPTURE STROBE CPHA =1 CPOL = 1 CPOL = 0 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI SS (to slave) CAPTURE STROBE CPHA =0 Note: This figure should not be used as a replacement for parametric information. Refer to the Electrical Characteristics chapter. (from slave) |