công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSPSP500 bảng dữ liệu(PDF) 1 Page - Wall Industries,Inc.

tên linh kiện PSPSP500
Giải thích chi tiết về linh kiện  500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WALL [Wall Industries,Inc.]
Trang chủ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSP500 bảng dữ liệu(HTML) 1 Page - Wall Industries,Inc.

  PSPSP500 Datasheet HTML 1Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 2Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 3Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 4Page - Wall Industries,Inc. PSPSP500 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPSP500 Series
500 Watt Single Output
Built-In Active PFC Function
AC/DC Switching Power Supply
FEATURES
● 3 Year Warranty
● 100% Full Load Burn-In Tested
● Universal AC Input / Full Range
● Built-In Remote Sense Function
● Built-In Remote ON/OFF Control
● Current Sharing up to 2000W (3+1)
● Forced Air Cooling by Built-In DC Fan
● Built-In Active PFC Function, PF > 0.95
● With Power Good and Fail Signal Output
● Open Frame Models Available (“P” Suffix)
● Short Circuit, Overload, Over Voltage, and Over Temperature Protected
SPECIFICATIONS: PSPSP500 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range (See Note 6)
90 ~ 264VAC (127 ~ 370VDC)
Input Frequency
47 to 63Hz
AC Current (typical)
7A @ 115VAC
3.5A @ 230VAC
Inrush Current (typical)
20A @ 115VAC
40A @ 230VAC
Leakage Current
< 1mA @ 240VAC
Power Factor (typical)
0.95 @ 230VAC
0.98 @ 100VAC and full load
Remote ON/OFF Control
RC+/RC-: 0 ~ 0.8V = power on; 4 ~ 10V = power off sink current < 4 ~ 10mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power
See Table
Voltage Tolerance (See Note 3)
5V output: 2.0%,
12V - 48V outputs: 1.0%
Voltage Adjustment Range
See Table
Line Regulation
5V output: 0.5%,
12V - 15V outputs: 0.3%,
24V - 48V outputs: 0.2%
Load Regulation
5V output: 2.0%,
12V - 48V outputs: 0.5%,
Output Current
See Table
Ripple & Noise (max) (See Note 2)
5V output: 100mVp-p; 12V - 27V outputs: 150mVp-p; 48V output: 200mVp-p
Setup, Rise Time
1500ms, 50ms at full load
Hold Up Time (typical)
24ms at full load
Temperature Coefficient
±0.03%/°C (0 ~ 50°C)
PROTECTION
Overload Protection
110 ~ 125% rated output power
Protection Type: Constant current limiting; recovers automatically after fault condition is removed
Over Voltage Protection
See Table
Protection Type: Shutdown output voltage; re-power on to recover
Over Temperature Protection
RTH2 ≥ 95°C detect on heatsink of Q1, Q7 power transistor & L3 output choke
Protection Type: Shutdown output voltage; recovers automatically after temperature goes down
GENERAL SPECIFICATIONS
Efficiency (typical)
See Table
Withstand Voltage
3000VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG)
Isolation Resistance
100MΩ/500DC (Input to Output, Input to FG, and Output to FG)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-10°C to +60°C (refer to output load derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity
20 ~ 90% RH non-condensing
Storage Humidity
10 ~ 95% RH
Vibration
10 ~ 500Hz, 2G 10min./1 cycle, 60min each along X, Y, Z axes.
MTBF
130,100 hours min. @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
PSPSP500 Models: 2500 grams; PSPSP500-P: 1300 grams
Dimensions
PSPSP500 Models: 278(L) x 127(W) x 63.5(H) mm
PSPSP500-P Models: 250(L) x 123(W) x 55(H) mm
Warranty
3 years
SAFETY & EMC
Safety Standards
UL60950-1, TUV EN60950-1 approved
EMI Conduction & Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2,-3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A


Số phần tương tự - PSPSP500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wall Industries,Inc.
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000-12 WALL-PSPSP1000-12 Datasheet
154Kb / 3P
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000-13.5 WALL-PSPSP1000-13.5 Datasheet
154Kb / 3P
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000-15 WALL-PSPSP1000-15 Datasheet
154Kb / 3P
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000-24 WALL-PSPSP1000-24 Datasheet
154Kb / 3P
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
More results

Mô tả tương tự - PSPSP500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wall Industries,Inc.
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1500 WALL-PSPSP1500 Datasheet
155Kb / 3P
1500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSQP100 WALL-PSQP100 Datasheet
179Kb / 4P
100 Watt Quad Output Built-In Active PFC Function AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U3 WALL-PSRL5016U3 Datasheet
243Kb / 3P
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSSP75 WALL-PSSP75 Datasheet
159Kb / 3P
75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSSP500 WALL-PSSP500 Datasheet
164Kb / 3P
Single Output Up to 486 Watts Built-In Active PFC Function AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com