| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSPRL9802SC bảng dữ liệu(PDF) 3 Page - Wall Industries,Inc. |
|
|
|||||||||||||||||||||||||||||
PSPRL9802SC bảng dữ liệu(HTML) 3 Page - Wall Industries,Inc. |
|
3 / 3 page ![]() Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797 PSPRL9802 Series Active PFC 200 Watt Single Output AC/DC Switching Power Supply MECHANICAL DRAWINGS Overall Size: 6.8(L) x 3.8(W) x 1.5(H) inches; Weight: 650g. Output Pin Assignment Howder Molex Vo+: Pins 1 – 2 Vo+: Pins 1 – 6 Vo-: Pins 3 – 4 Vo-: Pins 7 – 12 AC Input Connector (CN1): Mating Molex Part No. 09-91-0500 or equivalent (5pin, 3used) PCB is Labeled: L = Line; N = Neutral; G = Chassis Ground Mating Pins; Molex Engineering Series 2478, 2578, 8818 or Howder Terminal block Part No. FTB-702-3P (3 pin). Output Connector (CN2): Mating Molex Part No. 09-91-1200 (12 pin) or Howder Terminal block Part No. HD-301-4P (4 pin). Output Pin Assignment: (See table above). Logic signal connectors (CN3): Mating JST XHP-5 or equivalent (CHYAO SHIUNN JS-2001-06). Mating Pins: JST SXH-002T-P0.6 for AWG 30 to 26. Fan Drive: Mating JST XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02). Mounting Inserts: 8 Places M4. Maximum Penetration 4mm see outline drawing for location. |