| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST5088 bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST5088 bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 33 page ![]() Table 4: Control Register CR2 Functions 7 6 54 32 10 Function d7 d6 d5 d4 d3 d2 d1 d0 msb lsb Data sent to Receive path or Data received from DR input Table 5: Control Registers CR3 Functions 7 6 54 32 10 Function d7 d6 d5 d4 d3 d2 d1 d0 msb lsb DX data transmitted Table 6: Control Register CR4 Functions 7 6 54 32 10 Function VS TE SI EE RTL RTE SL SE 0 1 MIC1 selected MIC2 selected * 0 1 Transmit input muted Transmit input enabled * 0 1 Internal sidetone disabled Internal sidetone enabled * 0 1 EAIN disconnected EAIN selected to Loudspeaker * 0 0 1 1 0 1 0 1 Ring / Tone muted Ring / Tone to Earpiece Ring / Tone to Loudspeaker Ring / Tone to Earpiece and Loudspeaker * 0 0 1 1 0 1 0 1 Receive signal muted Receive signal connected to earpiece amplifer Receive signal connected to loudspeaker amplifier Receive signal connected to loudspeaker and earpiece amplifier * *: state at power on initialization ST5088 15/33 |