| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT3403 bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT3403 bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT3403 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2007 Unisonic Technologies Co., Ltd QW-R502-145.A P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT3403 is P-channel enhancement mode Power MOSFET, designed with high density cell, with fast switching speed, low on-resistance, excellent thermal and electrical capabilities, operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications. SYMBOL 2.Gate 1.Source 3.Drain *Pb-free plating product number: UT3403L ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing UT3403-AE3-R UT3403L-AE3-R SOT-23 S G D Tape Reel MARKING |
Số phần tương tự - UT3403 |
|
Mô tả tương tự - UT3403 |