| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST40RA150XHA bảng dữ liệu(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA150XHA bảng dữ liệu(HTML) 64 Page - STMicroelectronics |
|
64 / 94 page ![]() ADCS 7260755H STMicroelectronics 64/94 ST40RA 8 Pin description LDQM5 L1 DQM5 SDRAM data mask SL O LDQM6 M2 DQM6 SDRAM data mask SL O LDQM7 Y3 DQM7 SDRAM data mask SL O NOTLCSA0 C9 NOTCSA0 Chip select A SL O NOTLCSA1 D9 NOTCSA1 Chip select A SL O NOTLCSB0 H3 NOTCSB0 Chip select B SL O NOTLCSB1 H4 NOTCSB1 Chip select B SL O NOTLRASA C8 NOTRASA Row add strobe A SL O NOTLRASB K4 NOTRASB Row add strobe B SL O NOTLCASA C7 NOTCASA Column add strobe A SL O NOTLCASB L4 NOTCASB Column add strobe B SL O NOTLWEA D6 NOTWEA Write enable A SL O NOTLWEB J5 NOTWEB Write enable B SL O LCLKEN0 C6 CKE0 Clock enable SL O LCLKEN1 K3 CKE1 Clock enable SL O PAD0 T17 PCI_AD0 PCI address and data P8 I/O PAD1 T18 PCI_AD1 PCI address and data P8 I/O PAD2 R19 PCI_AD2 PCI address and data P8 I/O PAD3 R20 PCI_AD3 PCI address and data P8 I/O PAD4 R17 PCI_AD4 PCI address and data P8 I/O PAD5 R18 PCI_AD5 PCI address and data P8 I/O PAD6 P19 PCI_AD6 PCI address and data P8 I/O PAD7 P20 PCI_AD7 PCI address and data P8 I/O PAD8 P17 PCI_AD8 PCI address and data P8 I/O PAD9 P18 PCI_AD9 PCI address and data P8 I/O PAD10 N19 PCI_AD10 PCI address and data P8 I/O PAD11 N20 PCI_AD11 PCI address and data P8 I/O PAD12 N17 PCI_AD12 PCI address and data P8 I/O PAD13 N18 PCI_AD13 PCI address and data P8 I/O PAD14 M19 PCI_AD14 PCI address and data P8 I/O PAD15 M20 PCI_AD15 PCI address and data P8 I/O PAD16 K17 PCI_AD16 PCI address and data P8 I/O PAD17 K18 PCI_AD17 PCI address and data P8 I/O PAD18 J19 PCI_AD18 PCI address and data P8 I/O Pin name Loc Architecture signal name Pin function Pin Default Alternate Type Dir Table 35: PBGA ballout for ST40RA |