| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM77950 bảng dữ liệu(PDF) 3 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM77950 bảng dữ liệu(HTML) 3 Page - ELAN Microelectronics Corp |
|
3 / 102 page ![]() Contents Product Specification (V1.0) 10.09.2007 • iii Contents 1 General Description ................................................................................................ 1 2 Features ................................................................................................................... 1 2.1 Core..................................................................................................................1 2.2 Oscillators/System Clocks ................................................................................2 2.3 Input and Output (I/O) Pins ...............................................................................2 2.4 Timers and Counters ........................................................................................2 2.5 Interrupt Sources and Features ........................................................................2 2.6 Baseband (BB) .................................................................................................3 2.7 Serial Peripheral Interface (SPI) .......................................................................3 2.8 Pulse Width Modulation (PWM) ........................................................................3 2.9 Analog to Digital Converter (ADC) ....................................................................3 3 Pins Assignment ..................................................................................................... 4 4 Pin Description ........................................................................................................ 6 5 Block Diagram ......................................................................................................... 9 6 Memory .................................................................................................................. 10 6.1 Program Memory ............................................................................................10 6.2 RAM–Register ................................................................................................ 11 7 Function Description............................................................................................. 25 7.1 Special Purpose Registers..............................................................................25 7.1.1 Accumulator – ACC.........................................................................................25 7.1.2 Indirect Addressing Contents – IAC0 and IAC1 ...............................................25 7.1.3 High Byte Program Counter HPC and Low Byte Program Counter LPC .........25 7.1.4 Status Register – SR .......................................................................................26 7.1.5 RAM Bank Selector – RAMBS0 and RAMBS1 ................................................26 7.1.6 ROM Page Selector – ROMPS .......................................................................27 7.1.7 Indirect Addressing Pointers – IAP0 and IAP1 ................................................27 7.1.8 Indirect Address Pointer Direction Control Register – IAPDR..........................27 7.1.9 Table Look-up Pointer – LTBL and HTBL ........................................................28 7.1.10 Stack Pointer – STKPTR .................................................................................28 7.1.11 Repeat Counter – RPTC .................................................................................28 7.1.12 Prescaler Counter – PRC................................................................................28 7.1.13 Real Time Clock Counter – RTCC...................................................................28 7.1.14 Interrupt Flag Register – INTF.........................................................................28 7.1.15 Key Wake-up Flag Register – KWUAIF & KWUBIF.........................................29 7.1.16 I/O Port Registers – PTA ~ PTF.......................................................................29 7.1.17 16-bit Free Run Counter (FRC) – LFRC HFRC & LFRCB ...............................29 7.1.18 Serial Peripheral Interface Read Register – SPIRB.........................................29 7.1.19 Serial Peripheral Interface Write Register – SPIWB ........................................29 |