| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MDT2020FF bảng dữ liệu(PDF) 2 Page - Micon Design Technology Corporation |
|
|
|||||||||||||||||||||||||||||
MDT2020FF bảng dữ liệu(HTML) 2 Page - Micon Design Technology Corporation |
|
2 / 16 page ![]() MDT2020(FF) This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw P. 2 2007/8 VER 1.5 4. Pin Assignment DIP / SOP / SKINNY RTCC 1 28 /MCLR Vdd 2 27 OSC1 N/C 3 26 OSC2 Vss 4 25 PC7 N/C 5 24 PC6 PA0 6 23 PC5 PA1 7 22 PC4 PA2 8 21 PC3 PA3 9 20 PC2 PB0 10 19 PC1 PB1 11 18 PC0 PB2 12 17 PB7 PB3 13 16 PB6 PB4 14 15 PB5 SSOP VSS 1 28 /MCLR RTCC 2 27 OSC1 VDD 3 26 OSC2 VDD 4 25 PC7 PA0 5 24 PC6 PA1 6 23 PC5 PA2 7 22 PC4 PA3 8 21 PC3 PB0 9 20 PC2 PB1 10 19 PC1 PB2 11 18 PC0 PB3 12 17 PB7 PB4 13 16 PB6 VSS 14 15 PB5 5. Pin Function Description Pin Name I/O Function Description PA0~PA3 I/O Port A, TTL input level PB0~PB7 I/O Port B, TTL input level PC0~PC7 I/O Port C, TTL input level RTCC I Real Time Clock/Counter, Schmitt Trigger input levels /MCLR I Master Clear, Schmitt Trigger input levels OSC1 I Oscillator Input OSC2 O Oscillator Output Vdd Power supply Vss Ground |