| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MDT2030CF bảng dữ liệu(PDF) 2 Page - Micon Design Technology Corporation |
|
|
|||||||||||||||||||||||||||||
MDT2030CF bảng dữ liệu(HTML) 2 Page - Micon Design Technology Corporation |
|
2 / 14 page ![]() MDT2030(CF) This specification are subject to be changed without notice. Any latest information 5. Block Diagram S ta ck Two Le ve ls P rogra m Counte rs Os cilla tor Circuit Powe r on Re s e t P owe r Down Re s e t 8-bit Tim e r/Counte r EP RO M 2048X14 Ins truction Re gis te r Ins truction De code r Working Re gis te r ALU Pre s ca le RAM 73X8 Special Re gis te r Control Circuit Sta tus Regis te r WDT/OS T Tim e r Port A Port B OS C1 OS C2 MCLR Da ta 8-bit RTCC 11 bits 11 bits 14 bits Port PA0~P A3 4 bits Port PB0~P B7 8 bits D0~D7 please preview http;//www.mdtic.com.tw P. 2 2007/8 Ver. 1.6 |