| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST24LC21B bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST24LC21B bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 22 page ![]() memory. The master then terminates the transfer by generating a STOP condition. Page Write. The Page Write mode allows up to 8 bytes to be written in a single write cycle, provided that they are all located in the same ’row’ in the memory: that is the most significant memory ad- dress bits are the same. The master sends from one up to 8 bytes of data, which are each acknow- ledged by the memory. After each byte is transfered, the internal byte address counter (3 least significant bits only) is incremented. The transfer is terminated by the master generating a STOP condition. Care must be taken to avoid address counter ’roll-over’ which could result in data being overwritten. Note that, for any write mode, the generation by the master of the STOP condition starts the internal memory pro- gram cycle. All inputs are disabled until the comple- tion of this cycle and the memory will not respond to any request. Minimizing System Delays by Polling On ACK. During the internal write cycle, the memory discon- nects itself from the bus in order to copy the data from the internal latches to the memory cells. The maximum value of the write time (tW) is given in the AC Characteristics table, since the typical time is shorter, the time seen by the system may be re- duced by an ACK polling sequence issued by the master. The sequence is as follows: – Initial condition: a Write is in progress (see Fig- ure 10). BYTE WRITE DEV SEL BYTE ADDR DATA IN PAGE WRITE DEV SEL BYTE ADDR DATA IN 1 DATA IN 2 AI01893 DATA IN N ACK ACK ACK R/W ACK ACK ACK R/W ACK ACK VCLK/WC VCLK/WC Figure 11. Write Modes Sequence 15/22 ST24LC21B, ST24LW21, ST24FC21, ST24FC21B, ST24FW21 |