| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST24LC21 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST24LC21 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 18 page ![]() Read Operations On delivery, the memory content is set at all "1’s" (or FFh). Current Address Read. The memory has an inter- nal byte address counter. Each time a byte is read, this counter is incremented. For the Current Ad- dress Read mode, following a START condition, the master sends a memory address with the RW bit set to ’1’. The memory acknowledges this and outputs the byte addressed by the internal byte address counter. This counter is then incremented. The master does NOT acknowledge the byte out- put, but terminates the transfer with a STOP con- dition. Random Address Read. A dummy write is per- formed to load the address into the address counter, see Figure 12. This is followed by another START condition from the master and the byte address is repeated with the RW bit set to ’1’. The memory acknowledges this and outputs the byte addressed. The master does NOT acknowledge the byte output, but terminates the transfer with a STOP condition. BYTE WRITE DEV SEL BYTE ADDR DATA IN PAGE WRITE DEV SEL BYTE ADDR DATA IN 1 DATA IN 2 AI01504B DATA IN N ACK ACK ACK R/W ACK ACK ACK R/W ACK ACK VCLK VCLK Figure 10. Write Modes Sequence 12/18 ST24LC21 |