| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BP4P bảng dữ liệu(PDF) 1 Page - Mini-Circuits |
|
|
|||||||||||||||||||||||||||||
BP4P bảng dữ liệu(HTML) 1 Page - Mini-Circuits |
|
1 / 2 page ![]() INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010 Mini-Circuits ® ISO 9001 CERTIFIED 132 L = low range [f L to 10 fL] M = mid range [10 f L to fU/2] U = upper range [f U/2 to fU] NOTES: u Aqueous washable. o Non-hermetic n Denotes 75 Ohm model J When only specification for M range given, specification applies to entire frequency range. < At low range frequency band (f L to 10fL), linearly derate maximum power by 13 dB. ; Maximum VSWR: input 1.5:1, output 1.3:1 † Adjacent ports, 25°C * BLUE CELL™ power splitters protected by U.S patents 5,534,830 and 5,640,132 G 18 dB min. above 900 MHz for BP4C and above 1900 MHz for BP4P A. General Quality Control Procedures, Environmental Specifications, Hi-Rel and MIL description are given in section 0, see “Mini-Circuits Guarantees Quality” article. B. Connector types and case mounted options, case finishes are given in section 0, see “Case styles & Outline Drawings”. C. Prices and specifications subject to change without notice. 1. Absolute maximum power, voltage and current ratings: 1a. Matched power rating, Model JS4PS-1W-75 ......................................... 0.250 Watt Models PSC-4-5, PSC-4-1W, SCP-4-1W-75 ...... 0.5 Watt JS4PS-9-75, AD4PS-1, JS4PS-1W, SCA-4-10 ..... 0.5 Watt Models BP4C, BP4P .......................................... 1.5 Watt Model SCA-4-20 ............................................... 5 Watt Model SBD-4-25 ................................................ 10 Watt All other models ............................................... 1 Watt 1b. Internal load dissipation, Model JS4PS-1, JS4PS-9-75 .............................. 0.5 Watt Models SCP-4-1W-75, SCP-4-4-75, ................. 0.375 Watt BP4C, BP4P, SBD-4-25, JS4PS-1W, SCA-4-10 ... 0.375 Watt All other models ............................................... 0.250 Watt PSC-4 PSC-4A PSC-4-1 0.1-200 33 20 30 20 27 20 0.4 0.6† 0.5 0.75 0.7 1.0 4 6 8 0.15† 0.2 0.25 A01 bf 37.95 PSC-4-1W 1-500 29 20 27 18 25 18 0.4 0.8 0.5 1.0 0.8 1.5 1 3 5 0.2 0.3 0.5 A01 bf 40.95 n PSC-4-1-75 1-200 30 20 25 20 25 20 0.4 0.7 0.5 0.9 0.7 1.2 2 3 4 0.15 0.2 0.3 A01 bf 34.95 PSC-4-3 0.25-250 33 20 30 20 27 20 0.4 0.7 0.5 0.75 0.7 1.2 4 6 8 0.15 0.2 0.25 A01 bf 33.95 PSC-4-5 1-800 29 20 24 18 25 17 0.4 0.8 0.6 1.5 1.3 2.5 1 4 5 0.2 0.5 0.6 A01 bf 47.45 < PSC-4-6 0.01-40 35 18 32 25 25 18 0.4 0.8 0.3 0.5 0.5 1 2 2 2 0.1 0.15 0.2 A01 bf 38.95 PSC-4A-4 10-1000 25 20 21 15 18 15 0.5 0.8 0.8 1.8 1.5 2.5 4 16 20 0.2 0.5 0.7 C07 bg 64.95 ;n PSC-4A-1W-75 30-600 27 20 — — 22 18 0.6 0.8 — — 0.8 1.1 2 — 5 0.2 — 5 C07 bg 51.95 NSN GUIDE MCL NO. NSN MIL-P-23971/15* PSC-4-1 5895-01-065-0106 -10 PSC-4-2 5825-01-044-8945 PSC-4-3 5895-01-105-6189 -11 PSC-4-5 5985-01-423-7929 PSC-4-6 5985-01-332-3086 PSC-4A-4 5895-01-347-0205 * units are not QPL listed ISOLATION dB INSERTION LOSS, dB Above 6dB PHASE UNBALANCE Degrees f L-fU M Max. L Max. U Max. AMPLITUDE UNBALANCE dB U Max. M Max. L Max. FREQ. RANGE MHz MODEL NO. M Typ. Min. L Typ. Min. U Typ. Min. L Typ. Max. M Typ. Max. U Typ. Max. C O N N E C T I O N CASE STYLE Qty. (1-9) PRICE $ Note B 50&75 Ω Plug-In POWER SPLITTERS/COMBINERS 4 WAY-0° 10 kHz to1000 MHz |
Số phần tương tự - BP4P |
|
Mô tả tương tự - BP4P |