công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST20CX bảng dữ liệu(PDF) 141 Page - STMicroelectronics

tên linh kiện ST20CX
Giải thích chi tiết về linh kiện  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX bảng dữ liệu(HTML) 141 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 137Page - STMicroelectronics ST20CX Datasheet HTML 138Page - STMicroelectronics ST20CX Datasheet HTML 139Page - STMicroelectronics ST20CX Datasheet HTML 140Page - STMicroelectronics ST20CX Datasheet HTML 141Page - STMicroelectronics ST20CX Datasheet HTML 142Page - STMicroelectronics ST20CX Datasheet HTML 143Page - STMicroelectronics ST20CX Datasheet HTML 144Page - STMicroelectronics ST20CX Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 212 page
background image
postnormsn
141/212
®
postnormsn
post-normalize correction of single
length fp number
Code: 26 FC
Description: Perform the post normalised correction on a floating point number,
where initially the normalised fraction is in Areg, Breg and Creg as left by the
instruction
norm, and the exponent is in location pw.Temp in the workspace. This
instruction is only intended to be used in the single length rounding code sequence
immediately after
norm and before roundsn.
Definition:
Areg
′← post-normalised guardword
Breg
′← post-normalised fractionword
Creg
′← post-normalised exponent
Error signals: none
Comments:
Secondary instruction.
This instruction uses location pw.Temp in the workspace.
See also:
roundsn norm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More