| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST20C4 bảng dữ liệu(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20C4 bảng dữ liệu(HTML) 96 Page - STMicroelectronics |
|
96 / 212 page ![]() ladd ® 96/212 ladd long add Code: 21 F6 Description: Add with carry in and check for overflow. The result of the operation is the sum of Areg, Breg and bit 0 of Creg. Definition: if (sum > MostPos) { Areg ′← sum − 2BitsPerWord IntegerOverflow } else if (sum < MostNeg) { Areg ′← sum + 2BitsPerWord IntegerOverflow } else Areg ′← sum Breg ′← undefined Creg ′← undefined where sum = Areg + Breg + Creg 0 – the value of sum is calculated to unlimited precision Error signals: IntegerOverflow can be signalled. Comments: Secondar y instruction. See also: lsum |