| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST20C2 bảng dữ liệu(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20C2 bảng dữ liệu(HTML) 95 Page - STMicroelectronics |
|
95 / 212 page ![]() jn 95/212 ® j n jump Code: Function 0 Description: Unconditional relative jump. The destination of the jump is expressed as a byte offset from the first byte after the current instruction. j 0 causes a breakpoint. Definition: if (n = 0) Take a breakpoint trap else Iptr ′← next instruction + n Areg ′← undefined Breg ′← undefined Creg ′← undefined Error signals: j 0 can cause a breakpoint trap to be signalled. Comments: Primary instruction. Instruction is a descheduling point. Instruction is a timeslicing point. See also: cj lend |