| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC2G04DBVRG4 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC2G04DBVRG4 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 14 page ![]() www.ti.com Electrical Characteristics Switching Characteristics Operating Characteristics SN74LVC2G04 DUAL INVERTER GATE SCES195L – APRIL 1999 – REVISED JANUARY 2007 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT 1.65 V to 5.5 IOH = –100 µA VCC – 0.1 V IOH = –4 mA 1.65 V 1.2 IOH = –8 mA 2.3 V 1.9 VOH V IOH = –16 mA 2.4 3 V IOH = –24 mA 2.3 IOH = –32 mA 4.5 V 3.8 1.65 V to 5.5 IOL = 100 µA 0.1 V IOL = 4 mA 1.65 V 0.45 IOL = 8 mA 2.3 V 0.3 VOL V IOL = 16 mA 0.4 3 V IOL = 24 mA 0.55 IOL = 32 mA 4.5 V 0.55 II A inputs VI = 5.5 V or GND 0 to 5.5 V ±5 µA Ioff VI or VO = 5.5 V 0 ±10 µA 1.65 V to 5.5 ICC VI = 5.5 V or GND, IO = 0 10 µA V ∆I CC One input at VCC – 0.6 V, Other inputs at VCC or GND 3 V to 5.5 V 500 µA Ci VI = VCC or GND 3.3 V 3.5 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX tpd A Y 3.1 8 1.5 4.4 1.2 4.1 1 3.2 ns T A = 25°C VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V PARAMETER TEST CONDITIONS UNIT TYP TYP TYP TYP Cpd Power dissipation capacitance f = 10 MHz 14 14 14 16 pF 4 Submit Documentation Feedback |