công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STTH8R04D bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STTH8R04D
Giải thích chi tiết về linh kiện  Ultrafast recovery diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R04D bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STTH8R04D Datasheet HTML 1Page - STMicroelectronics STTH8R04D Datasheet HTML 2Page - STMicroelectronics STTH8R04D Datasheet HTML 3Page - STMicroelectronics STTH8R04D Datasheet HTML 4Page - STMicroelectronics STTH8R04D Datasheet HTML 5Page - STMicroelectronics STTH8R04D Datasheet HTML 6Page - STMicroelectronics STTH8R04D Datasheet HTML 7Page - STMicroelectronics STTH8R04D Datasheet HTML 8Page - STMicroelectronics STTH8R04D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STTH8R04
Characteristics
5/11
Figure 9.
Relative variations of dynamic
parameters versus junction
temperature
Figure 10.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 11.
Forward recovery time versus dIF/dt
(typical values)
Figure 12.
Junction capacitance versus
reverse voltage applied (typical
values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
I
RM
Q
RR
I
F= 8 A
V
R=320 V
Tj(°C)
Q
[T ]/Q
[T = 125° C] and I
RR
j
RR
j
RM
j
RM
j
[T ]/I
[T = 125° C]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
450
500
V
Fp(V)
I
F=8 A
T
j=125 °C
dIF/dt(A/µs)
0
100
200
300
400
500
600
700
0
100
200
300
400
500
t
FR(ns)
I
F=8 A
V
FR=1.1 x VF max.
T
j=125°C
dIF/dt(A/µs)
10
100
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11