công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LIS302DL bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện LIS302DL
Giải thích chi tiết về linh kiện  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button LIS302DL_07 Datasheet HTML 10Page - STMicroelectronics LIS302DL_07 Datasheet HTML 11Page - STMicroelectronics LIS302DL_07 Datasheet HTML 12Page - STMicroelectronics LIS302DL_07 Datasheet HTML 13Page - STMicroelectronics LIS302DL_07 Datasheet HTML 14Page - STMicroelectronics LIS302DL_07 Datasheet HTML 15Page - STMicroelectronics LIS302DL_07 Datasheet HTML 16Page - STMicroelectronics LIS302DL_07 Datasheet HTML 17Page - STMicroelectronics LIS302DL_07 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Mechanical and electrical specifications
LIS302DL
14/42
2.4
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note:
Supply voltage on any pin should never exceed 6.0V
Table 7.
Absolute maximum ratings
Symbol
Ratings
Maximum Value
Unit
Vdd
Supply voltage
-0.3 to 6
V
Vdd_IO
I/O pins supply voltage
-0.3 to 6
V
Vin
Input voltage on any control pin
(CS, SCL/SPC, SDA/SDI/SDO)
-0.3 to Vdd_IO +0.3
V
APOW
Acceleration (any axis, powered, Vdd=2.5V)
3000g for 0.5 ms
10000g for 0.1 ms
AUNP
Acceleration (any axis, unpowered)
3000g for 0.5 ms
10000g for 0.1 ms
TOP
Operating temperature range
-40 to +85
°C
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
4 (HBM)
1.5 (CDM)
200 (MM)
kV
kV
V
This is a Mechanical Shock sensitive device, improper handling can cause permanent
damages to the part
This is an ESD sensitive device, improper handling can cause permanent damages to
the part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com