công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS87993AYI bảng dữ liệu(PDF) 4 Page - Integrated Circuit Systems

tên linh kiện ICS87993AYI
Giải thích chi tiết về linh kiện  1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87993AYI bảng dữ liệu(HTML) 4 Page - Integrated Circuit Systems

  ICS87993AYI Datasheet HTML 1Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 2Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 3Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 4Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 5Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 6Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 7Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 8Page - Integrated Circuit Systems ICS87993AYI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
87993AYI
www.icst.com/products/hiperclocks.html
REV. B May 21, 2003
4
Integrated
Circuit
Systems, Inc.
ICS87993I
1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL
PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
TABLE 4. AC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
O
C
V
e
g
n
a
R
k
c
o
L
O
C
V
L
L
P
0
0
20
0
5z
H
M
t
I
W
P
5
25
7%
t
D
P
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
Q
o
t
x
K
L
CW
O
L
=
L
E
S
_
L
L
P8
.
25
4
.
31
.
4s
n
;
B
F
_
T
X
E
o
t
x
K
L
C
2
E
T
O
N
H
G
I
H
=
L
E
S
_
L
L
P
O
C
V
f
≤
z
H
M
0
6
3
0
5
1
-0
0
7
1s
p
H
G
I
H
=
L
E
S
_
L
L
P
O
C
V
f
≤
z
H
M
0
0
5
0
5
1
-0
0
0
2s
p
t
/
R tF
e
m
i
T
e
s
i
R
t
u
p
t
u
Oz
H
M
0
5
@
%
0
8
o
t
%
0
20
0
20
0
8s
p
t
)
o
(
k
s
;
w
e
k
S
t
u
p
t
u
O
3
E
T
O
N
k
n
a
B
n
i
h
t
i
W
0
7s
p
s
t
u
p
t
u
O
ll
A
0
0
1s
p
∆
E
L
C
Y
C
/
R
E
P
e
g
n
a
h
c
f
o
e
t
a
R
s
d
o
i
r
e
P
f
o
;
t
u
p
t
u
O
z
H
M
5
7
4
,
1
E
T
O
N
t
a
d
e
t
s
e
T
s
n
o
i
t
i
d
n
o
c
l
a
c
i
p
y
t
0
20
5e
l
c
y
c
/
s
p
;
t
u
p
t
u
O
z
H
M
0
5
1
4
,
1
E
T
O
N
0
15
2e
l
c
y
c
/
s
p
;
t
u
p
t
u
O
z
H
M
5
7
5
,
1
E
T
O
N
0
0
20
0
4e
l
c
y
c
/
s
p
;
t
u
p
t
u
O
z
H
M
0
5
1
5
,
1
E
T
O
N
0
0
10
0
2e
l
c
y
c
/
s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
Of
≤
z
H
M
0
6
35
45
5%
t
)
c
c
(
t
ij1
E
T
O
N
;
)
S
M
R
(
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
0
2s
p
t
L
1
E
T
O
N
;
e
m
i
T
k
c
o
L
L
L
P
0
1s
m
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
Af
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
1
E
T
O
N
,
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
d
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
t
u
p
t
u
o
e
h
t
t
a
d
e
r
u
s
a
e
M
.
e
s
a
h
p
f
o
t
u
o
s
p
0
0
4
n
a
h
t
r
e
t
a
e
r
g
o
n
s
l
a
n
g
i
s
o
w
t
n
e
e
w
t
e
b
h
c
t
i
w
s
k
c
o
l
c
a
r
o
f
s
d
l
o
h
n
o
i
t
a
c
i
f
i
c
e
p
S
:
4
E
T
O
N
.
n
o
i
s
r
u
c
x
e
h
c
t
i
w
s
k
c
o
l
c
e
h
t
r
e
v
o
d
e
g
a
r
e
v
a
s
i
e
l
c
y
c
r
e
p
e
g
n
a
h
c
d
o
i
r
e
p
a
t
l
e
D
±
n
a
h
t
r
e
t
a
e
r
g
o
n
s
l
a
n
g
i
s
o
w
t
n
e
e
w
t
e
b
h
c
t
i
w
s
k
c
o
l
c
a
r
o
f
s
d
l
o
h
n
o
i
t
a
c
i
f
i
c
e
p
S
:
5
E
T
O
N
π
.
e
s
a
h
p
f
o
t
u
o
.
n
o
i
s
r
u
c
x
e
h
c
t
i
w
s
k
c
o
l
c
e
h
t
r
e
v
o
d
e
g
a
r
e
v
a
s
i
e
l
c
y
c
r
e
p
e
g
n
a
h
c
d
o
i
r
e
p
a
t
l
e
D
TABLE 3D. LVPECL DC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
C
C
4
.
1
-V
C
C
0
.
1
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
C
C
0
.
2
-V
C
C
7
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P
6
.
00
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
C
C
.
V
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com