| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78P330 bảng dữ liệu(PDF) 21 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P330 bảng dữ liệu(HTML) 21 Page - ELAN Microelectronics Corp |
|
21 / 112 page ![]() EM78P330/331N 8-Bit Microprocessor with OTP ROM Product Specification (V 1.1) 03.13.2007 • 15 (This specification is subject to change without further notice) Bit 2 ~ Bit 0 (T1P2 ~ T1P0): TMR1 clock prescale option bits T1P2 T1P1 T1P0 Prescale 0 0 0 1:2 (default) 0 0 1 1:4 0 1 0 1:8 0 1 1 1:16 1 0 0 1:32 1 0 1 1:64 1 1 0 1:128 1 1 1 1:256 6.1.16 Bank 1 R6 (PWM Control Register 2) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 T2EN T2P2 T2P1 T2P0 T3EN T3P2 T3P1 T3P0 Bit 7 (T2EN): TMR2 enable bit 0 = TMR2 is off (default value) 1 = TMR2 is on Bit 6 ~ Bit 4 (T2P2 ~ T2P0): TMR2 clock prescale option bits T2P2 T2P1 T2P0 Prescale 0 0 0 1:2 (default) 0 0 1 1:4 0 1 0 1:8 0 1 1 1:16 1 0 0 1:32 1 0 1 1:64 1 1 0 1:128 1 1 1 1:256 Bit 3 (T3EN): TMR3 enable bit 0 = TMR3 is off (default value) 1 = TMR3 is on Bit 2 ~ Bit 0 (T3P2 ~ T3P0): TMR3 clock prescale option bits T3P2 T3P1 T3P0 Prescale 0 0 0 1:2 (default) 0 0 1 1:4 0 1 0 1:8 0 1 1 1:16 1 0 0 1:32 1 0 1 1:64 1 1 0 1:128 1 1 1 1:256 |