| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5301FE bảng dữ liệu(PDF) 2 Page - Belden Inc. |
|
|
|||||||||||||||||||||||||||||
5301FE bảng dữ liệu(HTML) 2 Page - Belden Inc. |
|
2 / 3 page ![]() 5301FE Non-Paired - Commercial Audio Systems Outer Jacket Material PVC - Polyvinyl Chloride Outer Jacket Nominal Wall Thickness .015 in. Outer Jacket Ripcord Yes OVERALL NOMINAL DIAMETER: Overall Nominal Diameter .175 in. MECHANICAL CHARACTERISTICS: Operating Temperature Range -20°C To +75°C UL Temperature Rating 75°C Bulk Cable Weight 27.7 lbs/1000 ft. Max. Recommended Pulling Tension 81.2 lbs. Min. Bend Radius (Install) 1.75 in. APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE: APPLICABLE STANDARDS: NEC/(UL) Specification CMR NEC Articles 800 CEC/C(UL) Specification CMG EU CE Mark (Y/N) Yes EU RoHS Compliant (Y/N) Yes EU RoHS Compliance Date (mm/dd/yyyy): 04/01/2005 FLAME TEST: UL Flame Test UL1666 Vertical Shaft C(UL) Flame Test FT4 PLENUM/NON-PLENUM: Plenum (Y/N) N Plenum Number 6301FE ELECTRICAL CHARACTERISTICS: Nom. Capacitance Conductor to Conductor @ 1 KHz 62 pF/ft Nom. Cap. Cond. to Other Cond. & Shield @ 1 KHz 112 pF/ft Nom. Conductor DC Resistance @ 20 Deg. C 6.5 Ohms/1000 ft Nominal Outer Shield DC Resistance @ 20 Deg. C 7.2 Ohms/1000 ft Max. Operating Voltage - UL 300 V RMS Max. Recommended Current 5 Amps per conductor @ 25°C PUT-UPS AND COLORS: Item Description Put-Up (ft.) Ship Weight (lbs.) Jacket Color Notes 5301FE 0081000 3 #18 SRPVC FS FRPVC 1000 30 GRAY C Page 2 of 3 |