công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AML11L bảng dữ liệu(PDF) 30 Page - Honeywell Solid State Electronics Center

tên linh kiện AML11L
Giải thích chi tiết về linh kiện  AML11 Solid state pushbutton switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML11L bảng dữ liệu(HTML) 30 Page - Honeywell Solid State Electronics Center

Back Button AML11L Datasheet HTML 23Page - Honeywell Solid State Electronics Center AML11L Datasheet HTML 24Page - Honeywell Solid State Electronics Center AML11L Datasheet HTML 25Page - Honeywell Solid State Electronics Center AML11L Datasheet HTML 26Page - Honeywell Solid State Electronics Center AML11L Datasheet HTML 27Page - Honeywell Solid State Electronics Center AML11L Datasheet HTML 28Page - Honeywell Solid State Electronics Center AML11L Datasheet HTML 29Page - Honeywell Solid State Electronics Center AML11L Datasheet HTML 30Page - Honeywell Solid State Electronics Center AML11L Datasheet HTML 31Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Honeywell Sensing and Control AML/MML Selection Guide
MML72 Bezels/mounting clips*
Discount BE
Schedule Qty.: 25 pieces/listing
Unclass.
Ten piece minimum order quantity
Example:
MML72EEK
Black switch bezel, mounting clips on long sides.
* NOTE: Contact Customer Service for minimum quantity required to establish or reinstate a catalog listing
MML92 LEDs***
MML92 ORDER GUIDE
LEDs should be the same color as the lenses they illuminate. They are packed 10 per listing, including stand-off spacers for use when
solder terminating to a printed wiring board.
Discount BE
Schedule Qty.: 25 pieces/listing
Unclass.
Long lead: Anode (+), Short lead: Cathode (-).
* @ 25 mA.
** Also rectangular button lens, when used with MML93J solder terminal receptacle.
*** NOTE: Contact Customer Service for minimum quantity required to establish or reinstate a catalog listing
Forward
LED
LED
Use to
Catalog
LED
Characteristics
Manufacturers’
Type
Illuminate
Listing
Color
Typ. @ 20mA
Max.
Part Numbers
T-1-3/4
Rectangular
Stanley:
button lens
MML92ERS
Red
1.7V
2.0V
ESBR5633
MML92EGS
Green
2.1V
2.5V
ESBG5633
MML92EYS
Yellow
2.1V
2.5V
ESAY5633
T-1
Square
Stanley:
button lens and
MML92HGS
Green
2.1V
2.5V
ESPY3901
MML24 rocker lens**
Hewlett Packard:
MML92HRH
Red
2.2V*
3.0V
HLMP-1340
MML92HGH
Green
2.3V*
3.0V
HLMP-1540
CP-29
Honeywell • Sensing and Control
Availability of options is subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com