6 / 31 page

Honeywell Sensing and Control AML/MML Selection Guide
AML24 Electronic control rocker switches
AML24 INCANDESCENT OR NON-LIGHTED DISPLAY ORDER GUIDE
Housing
Type
AML24E
Bezel
Color
B
Black
B
Incandescent
Lamp Type
A
No lamp
installed
B
6 V lamp
C
14 V lamp
E
28 V lamp
A
Terminal
Type
2
.110 x .020
(solder or
quick-connect)
3
.025 x .025
(printed ckt.
or push-on)
2
Discount BE
Example: AML24EBA2AA01
Schedule Qty.: 25 pieces/listing
Rectangular, non-lighted rocker switch housing; black bezel; 110 x .020 terminals;
Unclass.
.with one circuit ON and one circuit OFF in each extreme operator position (maintained).
! for non-illuminated switches only.
AML24E
Rectangular
non-lighted
AML24F
Rectangular
1 lamp ckt. (A)
AML24G
Rectangular
2 lamp ckts.
Circuitry
Codes
Silver Contacts
AA
1-pole
AC
2-pole
!
CA
2-pole
CC
4-pole
!
Gold Contacts
BA
1-pole
BC
2-pole
!
DA
2-pole
DC
4-pole
!
Insert Code letters
as shown in
Circuitry Chart
AA
Operating
Action
No
charge
Insert Code
numbers from
Operating
Action Chart
01
CP-5
Honeywell • Sensing and Control
Availability of options is subject to change without notice